|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Security & Chip Card ICs SLE 66CX360PE 8/16-Bit Security Controller with enhanced instruction set for large memories in 0.22 m CMOS Technology 196-Kbytes ROM, 7100 bytes RAM, 36-Kbytes EEPROM 1100-Bit Advanced Crypto Engine certified RSA 2048-bit library available Dual Key Triple DES Preliminary Short Product Information 02.04 SLE 66CX360PE Short Product Information Ref.: SPI_SLE 66CX360PE_0204 This document contains preliminary information on a new product under development. Details are subject to change without notice. Revision History: Page Current Version 02.04 Previous Releases: 03.03 Important: Further information is confidential and on request. Please contact: Infineon Technologies AG in Munich, Germany, Security & Chip Card ICs, Tel +49 - (0)89 234-80000 Fax +49 - (0)89 234-81000 E-Mail: security.chipcard.ics@infineon.com Edition 2004 Published by Infineon Technologies AG, CC Applications Group St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2002 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. SLE 66CX360PE 8/16-Bit Security Controller with enhanced instruction set for large memories in 0.22m CMOS Technology 196-Kbyte ROM, 7100 bytes RAM, 36-Kbyte EEPROM 1100-Bit ACE and Dual Key Triple DES Accelerator Features * * * New New * * 8/16-bit microcomputer in 0.22 m CMOS technology Instruction set opcode compatible with standard SAB 8051 processor Downward compatibility to existing SLE 66CxxxP products for existing masks (without using the new features) Addressable memory up to 16 Mbyte Additional enhanced instructions for direct physical memory access of >64kByte New Internal Clock with up to 33 MHz: Programmable internal frequency (PLL x1, x2, x3, x4 and free running mode(s)). Adjustable internal frequency according to available power or required performance * * * * * * * * Increased internal frequency for maximum performance Internal frequency is automatically adjusted to guarantee a given limited power consumption New * * * Two 16-bit Autoreload Timer Power saving sleep mode Ext. Clock freq. 1 up to 7.5 MHz UART for handling serial interface in accordance with ISO/IEC 7816 part 3 supporting transmission protocols T=1 and T=0 Supply voltage range:1.8 V, 3.0 V, 5.0 V Support of current consumption limits by GSM / UICC applications < 10 mA @ 5.5 V < 6 mA @ 3.3 V < 4 mA @ 1.98 V Operating Temperature range: -25 to +85C Storing temperature range: -40 to +125C ESD protection larger than 6 kV (HBM) * Typically saves up to 90 % code space and increases execution speed up to 80%. New New * * * * * * New Dedicated, non-standard architecture with execution time 6 times faster than standard SAB 8051 processor at same external clock. (Up to 18 times faster using internal frequency PLL x 3 compared to external clock). 196 Kbytes User ROM for application programs 36 Kbytes MicroSlim-EEPROM for increased memory requirements in mobile applications 6Kbytes XRAM, 256 bytes internal RAM, 700 bytes Crypto RAM. Enhanced Memory Management and Protection Unit (MMU) with application and user defined segments Dual Key Triple DES (DDES) Advanced Crypto Engine: New * * * * * * * * * * * * MicroSlim-EEPROM Typical Erase + Write time 2.9 ms Enhanced ECC module controlled by OS Reading and programming byte by byte Platform prepared for flash-like erasing of E-segments up to 2 kB Flexible page mode for 1 to 64 bytes write/erase operation 32 bytes security area (OTP) Fast personalization mode 1.0 ms Minimum of 500.000 write/erase cycles @ 25C per page. Maximum of 16.500.000 write/erase cycles per sector Typical data retention of 10 years @ 25C New * * * Up to 1100 bit RSA calculation in Hardware Up to 2048 bit RSA calculation via fast and secure RSA 2048 crypto library (CC EAL 5+ certified within SLE66CX322P, refer to product brief) Supports Elliptic Curves over GF[p] New * * * * * * CC EAL5+ certification according to BSI-PP-0002 planned True Random Number Generator with Firmware test function CRC Module 16-bit Interrupt Module Code executions during E-programming for faster personalization EEPROM programming voltage generated on chip Preliminary - Short Product Information 3/9 02.04 SLE 66CX360PE Memory Management and Protection Unit New * * * * * * * * Addressable memory of up to 16 Mbyte Separates OS (system mode) and application (user mode) System routines called by interrupts OS can restrict access to peripherals in application mode Variable application orientated segments defined and controlled by OS Code execution from XRAM possible Enhanced multi-application support by 16 descriptors for system / application mode. Anti Snooping * * * * * * * * * * * * * * * * * * * * * * * * * * Automatic randomization smoothing of power profile Effective HW-countermeasures against SEMA/DEMA, SPA/DPA, DFA and Timing-Attacks Non standard dedicated Smart Card CPU - Core Active Shield with automatic and user controlled attack detection Hardware countermeasures controlled by True Random Number Generator New Targeted Certifications CC EAL5+ VISA level 3 MULTOS SECCOS CAST Security Features * * * New * * * * * * Enhanced sensor concept: Low and high voltage sensors Frequency sensors and filters Light Sensor Glitch Sensors Temperature Sensor Life Test Function for Sensors (UMSLC) Support HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) Application notes Bus confusion Security reset detection Current control oscillator (ICO) Supported Standards ISO/IEC 7816 EMV 2000 GSM 11.11, 11.12, 11.18 ETSI TS 102 221 Memory Security * * * * * * * * Sparkling SFR encryption for DDES and ACE, CRC module and RNG 32 bytes security PROM, hardware protected for batch-, wafer-, die-individual security data. Unique chip identification number for each chip Additional memory for customer-defined security FabKey on request MED - memory encryption/decryption device for XRAM, ROM and EEPROM Security optimized layout and layout scrambling Fast IRAM erase Enhanced Error correction unit (ECU) Document References Confidential Data Book SLE66CxxxPE Qualification report Chip delivery specification for wafer with chip-layout (die size, orientation,...) Module specification package, etc. containing description of Qualification report module Development Tools Overview Short Product Information Software Development Kit SDK CC Short Product Information Card Emulator CE66PE Short Product Information ROM Monitor RM66PE Short Product Information Emulator ET66PE Hitex or ET66PE KSC Short Product Information Smart Mask Package Testmode Irreversible Lock - Out of test-mode Preliminary - Short Product Information 4/9 02.04 SLE 66CX360PE Performance Advanced Crypto Engine (typical values, based on internal test results) Operation Modulus Exponent 5MHz Modular Exponentiation RSA Encrypt / RSA Signature Verify Modular Exponentiation RSA Decrypt / RSA Signature Generate Modular Exponentiation using CRT RSA Decrypt / RSA Signature Generate DSA Signature Generate DSA Signature Verify DSA Signature Generate DSA Signature Verify * preliminary values 1024 bit 2048 bit 1024 bit 17 bit 17 bit 1024 bit 20 ms 630 ms 820 ms Calculation Time New 15 MHz 7 ms 210 ms 273 ms 33 MHz* 3 ms 96 ms 124 ms eq.1024 bit eq.1024 bit 250 ms eq.2048 bit eq.2048 bit 1840 ms 512 bit 512 bit 1024 bit 1024 bit 160 bit 160 bit 160 bit 160 bit 97ms 117 ms 438 ms 711 ms 83 ms 614 ms 32 ms 39 ms 146 ms 237 ms 38 ms 279 ms 15 ms 18 ms 66 ms 108 ms Performance DDES- Accelerator (typical values, based on internal test results) Operation Data Block Length Encryption Time for an 8-Byte Block incl. Data Transfer New 5 MHz 15 MHz 33 MHz* 56-bit Single DES Encryption 112-bit Triple DES Encryption * preliminary values 64 bit 64 bit 23 s 35 s 8 s 12 s 3.5 s 5.3 s Preliminary - Short Product Information 5/9 02.04 SLE 66CX360PE Ordering Information Type Package 1 Voltage Range Temperature Range Frequency Range (int. clock frequency Frequency Range (ext. clock frequency) 1 MHz - 5 MHz SLE 66CX360PE C Die (sawn, unsawn) M5.1 1.8 V; 3.0 V; 5.0 V or 3.0 V; 5.0 V - 25C to + 70C or - 25C to + 85C Up to 33 MHz or 1 MHz - 7.5 MHz SLE 66CX360PE M5 For ordering information please refer to the databook and contact your sales representative. Production sites for SLE 66CX360PE: * Dresden (Germany), UMC (Taiwan), Altis (France). 1 available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging Preliminary - Short Product Information 6/9 02.04 SLE 66CX360PE Pin Configuration VCC GND CLK SLE 66CX360PE RST I/O Figure 1: Pin Configuration Pin Definitions and Functions Symbol VCC RST CLK GND I/O Function Operating voltage Reset input Processor clock input Ground Bi-directional data port Preliminary - Short Product Information 7/9 02.04 SLE 66CX360PE General Description The SLE66CX360PE is another member of the improved 66PE-series of Infineon Technologies. This high performance security crypto controller is manufactured in advanced 0.22 m CMOS technology. It is downward compatible to existing 66P controller derivatives. The well known ECO2000 8/16 bit CPU provides the high efficiency of the SAB 8051 instruction set extended by additional powerful instructions together with enhanced performance, memory sizes and security features compared to existing 66P derivatives. Performance: The internal clock frequency can be adjusted to a level up to 33 MHz either as a multiple of 1,2,3,4 to the external frequency or independent of the clock rate of the terminal with the help of the internal clock. It is adjustable according to either available power requirements or required performance: * * Increased internal clock frequency for maximum performance, e.g. for high performance with max. frequency in payment applications or crypto operations. New Automatically adjusted frequency for a max. given power consumption, e.g. by GSM or UMTS requirements. Memory: The SLE66CX360PE offers 196 Kbytes of User-ROM, 256 byte internal RAM, 6144 byte XRAM and 36 Kbytes MicroSlim-EEPROM, to fulfill the increased requirements of GSM and UMTS applications. The large ROM size allows to place applications in the ROM-mask and to keep the EPROM free for customer data. In addition it saves mask development costs, as one mask may be used for different customer projects. 36kByte of EEPROM thus allows to include SIM Application Toolkit, Wireless Application Protocol (WAP), WML-Browser and JavaCard API implementations into the NVM. The enhanced Memory Management and Protection Unit allows a secure separation of the operating system and different applications. It allows to separate the memories in application orientated segments, which can be controlled by the OS. Furthermore, the MMU makes a secure downloading of applications possible even after personalization of a card. These new features suit the requirements of the next generation of multi application operating systems. Voltage Clock Reset ROM 196 Kbyte XRAM 6 Kbyte EEPROM 36 Kbyte DES Accelerator Advanced Crypto Engine 16-Bit CPU with MMU & ECO 2000 Instruction Set Address-/Data Bus Sleep Mode Logic Sensors/Filters Interrupt Voltage Regulator two 16-bit Timer CRC Random Number Generator UART Clock generated Figure 2: Block Diagram SLE 66CX360PE The new platform is designed to address up to 16 Mbyte. However this feature is only available upon request and will clearly require a change in the existing tool environment. In addition, new instructions have been implemented in the design for an efficient direct access of physical memory >64Kbyte up to 16 Mbyte. Preliminary - Short Product Information 8/9 02.04 SLE 66CX360PE Security features: Since the very beginning, security is an integrated part of Infineons product development, as proved by various certificates (ITSEC, CC, Proton, VISA, ZKA, Mondex). The so called "integral security concept" for the 66P series ensures: * * * A secret storage of any confidential code, data and keys Protection against side channel attacks such as: Simple Power Analysis (SPA) , Differential Power Analysis (DPA), Protection against Differential Fault Analysis (DFA), Electromagnetic Emanation Attack (EMA) and other possible HW or SW attacks Peripherals: The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-BitCRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode. The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC 7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can be driven by communication routines realized in software. The Advanced Crypto Engine (ACE) is equipped with its own RAM of 700 bytes and supports all of today known public-key algorithms based on large integer modular arithmetic. It allows fast and efficient calculation either in HW or supported by software of e.g. RSA operations and EC (Elliptic Curves) algorithms for key lengths up to 2048-bit. For all of it's crypto controller using the ACE, Infineon offers a tailor made RSA 2048-bit library. This library is a powerful multifunctional crypto library for the SLE 66CXxxP family. It provides arithmetic functions for easy programming the Advanced Crypto Engine (ACE). In addition it provides a full implementation of RSA Sign, Verify and Key generation including powerful SPA/DPA and DFA counter measures. It supports RSA up to 2048 bit key length. These RSA functionality has already been certified according to Common Criteria EAL5+ on an existing crypto controller, the SLE66CX322P. The HW-DES module supports symmetric crypto algorithms according to the Data Encryption Standard in the Electronic Code Book Mode. The random number generator (RNG) is able to supply the CPU with true random numbers on all conditions. The advanced sensor concept includes various sensors for any kind of attack scenarios and even more important a "Life Test " for sensors. As an important feature, the chip provides an on-chip security, which fulfills the strong security requirements of a Common Criteria evaluation at an EAL5+ level. In conclusion, the SLE 66CX360PE fulfills all the requirements of today's chip card applications, and is especially designed for DDA payment, GSM, PayTV and ID-applications incl. digital signatures. In addition it offers a powerful platform for multi application cards based on Multos or Java and supports the migration to enhanced GSM (incl. WAP), GPRS and UMTS value added services. The SLE66CX360PE integrates outstanding memory sizes, in combination with enhanced performance and optimized power consumption on a minimized die size. Preliminary - Short Product Information 9/9 02.04 |
Price & Availability of SLE66CX360PEM5 |